Part Number Hot Search : 
0505X SM5841HS AQW280SZ ZSLS7025 147X0 SS7519 78L00 AP4435G
Product Description
Full Text Search
 

To Download W75000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  never use any h.k. porter cutters on energized circuits, wire, or cable. danger hydraulic cutters approx. cat upc a b c d e width capacity weight thrust no. no. inch mm inch mm inch mm inch mm inch mm inch mm inch mm lb k lb k W75000 037103904447 15 394 9 3/4 248 4 1/8 105 4 1/4 108 5 128 4 102 3/4 19 17 8 25,000 11,340 w11800 037103904119 7 1/2 446 12 3/4 325 5 128 5 1/2 140 5 128 5 7/8 149 1 1/8 29 40 18 70,000 31,752 w13800 037103904218 22 1/4 565 17 432 7 1/4 184 8 1/2 216 5 128 7 3/4 197 1 3/8 35 105 48 140,000 63,504 w13800 is made to order, contact customer service for availability. compact, rugged, portable cutter easily replaceable or redressable blades cuts rods and bars includes control handle includes filter and air breather 1-hose operation hydraulic rod and bar cutters (a) (b) W75000 w11800 w13800 replacement cutter blades tool stationary moving no. blade blade W75000 13234 13934 w11800 13918 13908 w13800 13744 13944 engineered for demanding production cutting such as steel mill applications heavy-duty, large-capacity, portable, durable cutter cuts chain and reinforcing rod includes control handle heavy-duty cutter cuts rods and bars includes control handle (c) (e) (d)
the "safety alert symbol" symbol to the left is used to call attention to instructions concerning personal safety. watch for this symbol, it points out important safety precautions. it means: ?ttention! stay alert, personal safety may be in danger! read the message that follows this symbol and be alert to the possibility of personal injury or death resulting from misuse. the use of any industrial tool may present hazards which can result in serious injury or death. the h.k.porter tools listed in this catalog are not exceptions to this rule. danger warning caution indicates a high probability that death, severe bodily injury or major property damage could result. is serious but less inevitable. there is some probability that death, severe bodily injury or property damage could result. is less serious but still demands attention. indicates a hazard which may result in minor injury or property damage. read and understand all directions before operating any h.k. porter manual, hydraulic or pneumatic tool tips to easier, safer cutting hard metals may snap off or fly through the air when cut. always wear safety glass- es and warn workers nearby to prevent them from being injured from flying metal. to prevent injury from flying metal, take precautions such as wrapping a cloth or rag around the cutting jaws so metal pieces can not fly. safety precautions a. when heavy cutting is involved, it is less strenuous to hold one handle of the tool on the ground using foot pressure. this permits the cutting force to be applied to the upper handle, makes the cutting position less awkward, and utilizes body weight. this allows more power to be transferred to the cutting edges. b. use the correct cutting tool for the type, size, and hardness of the metal to be cut. c. keep cutter jaws at right angles to piece being cut. cutting diagonally may twist jaws d. do not twist or pry with tool while cutting. e. do not exceed the full cut on a material whose hardness is unknown. test hardness with slow pressure to see if material is being cut. the size of the metal you are cutting is not as important as its hardness. f. do not exceed the cutter capacity that is marked on the jaw of the tool or its rating capacity in this catalog. g. keep jaw bolts tight and joints oiled at all times. h. maintain the original jaw bevel angles when sharpening out of line or chip cutting edges. wear your gloves and safety glasses at all times! do wear safety shoes. do remove oil or grease from your hands, from tools and from the floor and area where you will be working. do remember that metal flies when cut. the harder the metal, the farther it will fly. do warn those in the area when you intend to use a cutter and protect your fellow workers from flying metal. do use all tools as recommended. don? attempt to use a cutting tool, hand or power, until you fully understand its use. don? forget that metals may fly and cause injury. don? use cutters for any application except those listed in this catalog. don? use h.k. porter cutters on energized circuits, wire, or cable. safety dos and donts
power tool selector chart danger never use any h.k. porter cutters on energized circuits, wire, or cable. type and size of material to be cut - maximum capacity rod and bar cable communication acsr wire rope cutter copper cable and common aluminum ehs guy hard head power (not self- acar guy strand power strand including assembly cable support) cable cable cable cable stainless cat no. inch mm inch mm inch mm inch mm inch mm inch mm inch mm w177089 3 76 3 1/2 89 - - - - 3 76 - - - - w1770tn 3/4 19 - - 3/4 19 - - 3/4 19 - - 3/4 19 wtc400c 4 102 4 102 - - - - 4 102 - - - - wrc125 - - - - - - 1 25 - - 3/4 19 1 1/4 32 wrc200 -- -- - - -- -- -- 251 hrc300 -- -- - - -- -- -- 376 sc400s 4 101 4 101 - - - - - - - - - - 27842 7/8 22 7/8 22 - - - - 7/8 22 - - - - type and size of material to be cut - maximum capacity steel low carbon steel high carbon steel high alloy reinforcing bars stainless steel chain high alloy aluminum to 90,000 lb to 130,000 lb to 180,000 lb to 75,000 lb to 180,000 lb to 180,000 lb brass cutter (40,824 kg) (58,968 kg) (81,648 kg) (34,020 kg) (81,648 kg) (81,648 kg) copper head tensile tensile tensile tensile tensile to tensile to rod assembly rockwell 15 rockwell 30 rockwell 40 to grade 75 rockwell 40 rockwell 40 bar cat. no. inch mm inch mm inch mm inch mm inch mm inch mm inch mm W75000 3/4 19 3/4 19 5/8 16 5/8 16 5/8 16 5/8 16 3/4 19 w11800 1 1/8 29 1 1/8 29 1 25 1 25 1 25 1 25 1 1/8 29 w13800 1 3/8 35 13/8 35 1 1/4 32 1 1/4 32 1 3/8 35 1 1/8 29 1 3/8 35 w1770a 9/16 14 1/2 13 do not cut do not cut do not cut do not cut - - w1770cd 5/8 16 9/16 14 1/2 13 1/2 13 1/2 13 1/2 13 - - w1770tc - - - - 1/2 13 1/2 13 1/2 13 7/16 11 - - 9190c 3/8 10 3/8 10 5/16 8 5/16 8 5/16 8 5/16 8 3/8 10 9190ne 3/8 10 3/8 10 - - - - - - - - 3/8 10 9190a 3/8 10 3/8 10 - - - - - - - - 3/8 10 9290c 1/2 13 1/2 13 3/8 10 3/8 10 3/8 10 3/8 10 1/2 13 9290ne 1/2 13 1/2 13 - - do not cut do not cut do not cut 1/2 13 9190e 5/16 8 - - - -
cutting time never use any h.k. porter cutters on energized circuits, wire, or cable. danger pump selection hkh02 hka01 hke101a hke201a hke301a 5 hp t 12 1/2 hp m cat no. material hand pump air/hydraulic 1/2 hp 1 hp 1 1/2 hp series series wsr175 1 3/4" acsr 30 sec. 15 sec. 10 sec. 5 sec. 4 sec. 2-3 sec. 1-2 sec. wsr175 1/2" common guy strand 15 sec. 10 sec. 10 sec. 5 sec. 4 sec. 2-3 sec. 1-2 sec. wsr175 1 3/4" aluminum power 30 sec. 15 sec. 10 sec. 6 sec. 4 sec. 3-4 sec. 2-3 sec. wsr250 2 1/2" power copper cable 70 sec. 30 sec. 20 sec. 15 sec. 8 sec. 2-3 sec. 1-2 sec. wsr250 2 1/2" acsr 70 sec. 20 sec. 20 sec. 15 sec. 8 sec. 2-3 sec. 1-2 sec. wsr250 1/2" common guy strand 70 sec. 20 sec. 6 sec. 5 sec. 4 sec. 2-3 sec. 1-2 sec. wsr250 2 1/2" aluminum power 70 sec. 20 sec. 6 sec. 5 sec. 4 sec. 2-3 sec. 1-2 sec. wtc400c 4" power cable 50 sec. 10 sec. 15 sec. 7 sec. 5 sec. 2-3 sec. 1-2 sec. wtc400c 4" comm. cable 45 sec. 10 sec. 10 sec. 7 sec. 5 sec. 2-3 sec. 1-2 sec. wtc400c 4" aluminum 40 sec. 10 sec. 10 sec. 7 sec. 5 sec. 2-3 sec. 1-2 sec. hkh02 hka01 hke101a hke201a hke301a 5 hp t 12 1/2 hp m cat no. material hand pump air/hydraulic 1/2 hp 1 hp 1 1/2 hp series series wrc125 1" common guy 35 sec. 15 sec. 15 sec. 6 sec. 4 sec. 2-3 sec. 1-2 sec. wrc125 3/4" ehs guy 65 sec. 10 sec. 10 sec. 7 sec. 5 sec. 2-3 sec. 1-2 sec. wrc125 1 1/4" wire rope 35 sec. 15 sec. 15 sec. 10 sec. 5 sec. 2-3 sec. 1-2 sec. wrc200 2" wire rope - 45 sec. 60 sec. 35 sec. 25 sec. 2-3 sec. 1-2 sec. w11800 1 1/8" low carbon steel not recommended 25 sec. 25 sec. 15 sec. 8 sec. 2-3 sec. 1-2 sec. w11800 1 1/8" high carbon steel not recommended 25 sec. 25 sec. 15 sec. 8 sec. 2-3 sec. 1-2 sec. w11800 1" high alloy steel not recommended 30 sec. 25 sec. 15 sec. 10 sec. 2-3 sec. 1-2 sec. w11800 1" stainless steel not recommended 30 sec. 25 sec. 15 sec. 0 sec. 2-3 sec. 1-2 sec. w11800 1" aluminum not recommended 30 sec. 25 sec. 15 sec. 8 sec. 2-3 sec. 1-2 sec. w13800 1 1/4" high alloy steel not recommended 30 sec. 45 sec. 30 sec. 20 sec. 2-3 sec. 1-2 sec. w13800 1 3/8" stainless steel not recommended not recom. 60 sec. 35 sec. 20 sec. 2-3 sec. 1-2 sec. w13800 1 3/8" low carbon steel not recommended not recom. 60 sec. 35 sec. 20 sec. 2-3 sec. 1-2 sec. hkh02 hka01 hke101a hke201a hke301a 5 hp t 12 1/2 hp m cat no. material hand pump air/hydraulic 1/2 hp 1 hp 1 1/2 hp series series W75000 low carbon steel 3/4" 90,000 tensile 20 sec. 10 sec. 10 sec. 5 sec. 3 sec. 2-3 sec. 1-2 sec. W75000 highcarbon steel 3/4" 130,000 tensile 40 sec. 15 sec. not recommended 3 sec. 2-3 sec. 1-2 sec. W75000 5/8" high alloy 180,000 tensile 25 sec. 18 sec. 10 sec. 5 sec. 3 sec. 3-4 sec. 2-3 sec. W75000 5/8" rebar 20 sec. 15 sec. 7 sec. 5 sec. 4 sec. 2-3 sec. 1-2 sec. 5/8" stainless steel 180,000 tensile 30 sec. 18 sec. 15 sec. 7 sec. 3 sec. 2-3 sec. 1-2 sec. W75000 3/4" aluminum rod 30 sec. 15 sec. 15 sec. 5 sec. 3 sec. 2-3 sec. 1-2 sec. w1770a 9/16" low carbon 25 sec. 10 sec. 8 sec. 5 sec. 4 sec. 2-3 sec. 1-2 sec. w1770a 1/2" high carbon 30 sec. 12 sec. 7 sec. 5 sec. 4 sec. 2-3 sec. 1-2 sec. w1770cd 5/8" low carbon 35 sec. 10 sec. 15 sec. 5 sec. 3 sec. 2-3 sec. 1-2 sec. w1770tc 1/2" high alloy 37 sec. 10 sec. 10 sec. 5 sec. 4 sec. 2-3 sec. 1-2 sec. hkh02 hka01 hke101a hke201a hke301a 5 hp t 12 1/2 hp m cat no. material hand pump air/hydraulic 1/2 hp 1 hp 1 1/2 hp series series w1770tc 1/2" rebar 35 sec. 10 sec. 10 sec. 6 sec. 5 sec. 2-3 sec. 1-2 sec. 1/2" stainless steel 35 sec. 10 sec. 10 sec. 5 sec. 4 sec. 2-3 sec. 1-2 sec. w177089 3" copper power cable 60 sec. 19 sec. 15 sec. 8 sec. 5 sec. 2-3 sec. 1-2 sec. w177089 3" comm. cable 60 sec. 19 sec. 15 sec. 8 sec. 5 sec. 2-3 sec. 1-2 sec. w177089 3" aluminum cable 60 sec. 19 sec. 15 sec. 8 sec. 5 sec. 2-3 sec. 1-2 sec. wsr175 1 3/4" power cable 30 sec. 15 sec. 10 sec. 5 sec. 4 sec. 2-3 sec. 1-2 sec. w1770tn 3/4" wire rope 35 sec. 10 sec. 12 sec. 8 sec. 5 sec. 2-3 sec. 1-2 sec.
workheads danger never use any h.k. porter cutters on energized circuits, wire, or cable. workhead, hose and power supply selection power tool workheads a workhead, sold as a unit, consists of the cutterhead, cylinder and control handle. cutterheads and control handles are also available separately. in addition, the cutterhead and cylinder are sold as a unit for use with an hkp hand pump or air/hydraulic pump. and, in most cases, the cutterhead, cylinder, connecting hose and hand pump are also sold as a complete unit. the most important factor in selecting the right hydraulic cutter for the job is identification of the material to be cut. consider size, hardness (tensile strength) and type of material. find material at top of chart on previous pages that is closest to the material to be cut. the correct cutter workhead will be found in the left-hand column under ?atalog number. all hkp workheads use only one hose to connect the workhead to the hydraulic pump. standard hose can be ordered with a control wire for remote control, electric hydraulic pumps. hoses without control wires are for use with hand, air/hydraulic or gasoline driven pumps. selecting the proper hydraulic pump depends on speed required and power source available. cutting cycle times in table show pump best suited to your requirements. pumps are available in hand-operated, air, electric or gasoline-driven models. power tools and portable power supplies safety precautions (for use with any hkp motor-driven hydraulic pump.) cutterhead, cylinder and control handle. purchase as unit. workhead (electric/hydraulic pump), hose with control cable, and workhead. purchase components separately. automatic system - portable power pack cutterhead hand pump, hose, cylinder and cutterhead. purchase as unit. hand-operated hydraulic cutter system hard metals may snap off or fly through the air when cut. always wear safety glasses and warn workers nearby to prevent them from being injured from flying metal. to prevent injury from flying metal, take precautions such as wrapping a cloth or rag around the cutting jaws so metal pieces can not fly.
miscellaneous information danger never use any h.k. porter cutters on energized circuits, wire, or cable. ordering replacement parts hkp units may be returned to factory for repair and reconditioning at any time. a free inspection and estimate of repair charges will be supplied if requested. all returns must be made by prepaid transportation. factory repair service order replacement parts through your cooper tools distributor. care should be taken to give accurate information regarding part numbers and descriptions. include model numbers and serial numbers, as well. although all parts are available at the factory, we suggest customers stock spare blades, seals, filters and oil for minimum delay in maintaining their units. unless otherwise requested at time of purchase, all hkp pumps are supplied with a high quality hydraulic oil. pour point -25? (-31?) 150/165 viscosity ssu @ 100? (38?). when operating below -25?, contact cooper tools customer service for oil recommendation. operating hydraulic pumps below -25? (-31?) important: electrical connections on cutterhead and hydraulic hose are for low voltage control only. do not plug control handle into main power supply. the switches and wiring are designed for relay control only. he2200 series single phase power pack units are factory wired to run in counterclockwise direction and can be plugged into any outlet with proper power supply. three phase units must be wired into customers system. be sure to wire so unit runs counterclockwise. hke102a, hke302a, hke402a, hke602b and t5102 hydraulic power sources are supplied in three phase only and can be wired to operate in either direction. try to install units so that hoses and wiring are not accessible to damage by fork lifts or other handling equipment. when installing pumping unit overhead, be sure to have both cutterhead and hoses well below the pump. do not loop hoses overhead as air pockets will result in slow reaction. speed of cut should be approximately that indicated on the power tool selector chart. if unit is cutting slower than indicated, do not adjust relief valve. the pressure setting will not affect the speed. we recommend checking all connections for leaks, check for voltage drop or contact factory for assistance. installation recommendations ?all hkp hydraulic hoses are made from the finest oil-and abrasion-resistant materials. ?this hose style is also offered in 1/4" or 3/8" ?hoses are 2-ply rated, reinforced with two braids of high tensile steel wire and covered with oil and weather resistant rubbe r ?msha approved, 2-wire steel braid with 3/8" (10mm) ?18 nptf fittings ?order only enough hose to fit your particular application. using to much hose, slows operator and production ?all control wire hoses come complete with 3-wire, twist-lock connectors for low voltage control only ?couplings not included with hoses ?special hoses are available upon request power tool hoses & accessories
engineering information danger never use any h.k. porter cutters on energized circuits, wire, or cable. how to sharpen cutter jaws remove nicks in jaws by filing straight across cutting edges on jaws with equal bevels, file equally from each bevel, keep file flat against bevel on jaws with one large bevel, file on that bevel, small bevel must also be restored jaws should not be razor sharp approximately 1/64" (.4mm) should remain flat to form strong, durable edge adjust tool according to the instructions below to sharpen shear-cut blades (blades that pass each other like scissors) remove nicks by filing straight across cutting edges finish by running a flat file over inner jaw surface to remove burrs choose file size according to size of jaw and/or radius of curve half round files are the most versatile nicholson file recommendations an adjustment screw is located on the cutter handle above the toggle joints if jaw edges are too far apart with handles closed, tighten adjusting screw, this brings cutting edges together cutting edges should be 1/64" (.4mm) apart for longest jaw life oil all joints if jaw edges are too close together with the handles apart, loosen adjusting screw until it disappears from the narrow slot in the handle make a cut with the tool in this position (cut will force the slot inward) try to close the handles. if they do not close completely and jaw edges are 1/64" (.4mm) apart, tighten adjusting screw to meet the handle on far side of slot oil all joints if jaws are too far apart with handles closed after making cut with adjusting screw backed off, tighten adjusting screw as explained above to sharpen shear-cut blades (blades that pass each other, like scissors), remove nicks by filing straight across the cutting edges finish by running a flat file over inner blade surface to remove burrs. for jaw type use file type straight 6", 8" or 10" mill bastard curved 8", 10" or 12" half round bastard straight w/notch 8", 10" mill bastard with one round edge notched 8" or 10" round bastard ? all hkp air-powered tools require ram lateral input supply of 80-120 psi (6-8 kg/cm 2 ) 9190 series: 6.9 cfm or 8 cfm with factor of safety 9290 series: 16.2 cfm or 18.7 cfm with factor of safety pneumatic tools how to adjust the cutter jaws


▲Up To Search▲   

 
Price & Availability of W75000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X